PART |
Description |
Maker |
HUFA75433S3ST HUFA75433S3S |
N-Channel UltraFET R MOSFETs 60V, 64A, 16mOhm N-Channel UltraFET MOSFETs 60V/ 64A/ 16m N-Channel UltraFET MOSFETs 60V, 64A, 16mз 64 A, 60 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IXFH4N100 IXFT4N100 IXFH4N100Q IXFT4N100Q |
N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电000V,导通电.0Ω的N沟道增强型HiPerFET功率MOSFET) 4 A, 1000 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD TRANSISTOR | MOSFET | N-CHANNEL | 1KV V(BR)DSS | 4A I(D) | TO-247AD HiPerFET Power MOSFETs Q-Class Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IRFD123 IRFD120 IRFD122 IRFD121 RFD120 |
(IRFD120 / IRFD121 / IRFD122 / IRFD123) N-Channel Power MOSFETs 1.3A and 1.1A, 80V and 100V, 0.30 and 0.40 Ohm, N-Channel Power MOSFETs 1.3a规范,以.1A的,80V00V.30.40 Ohm的N通道功率MOSFET
|
HARRIS[Harris Corporation] Harris Semiconductor Harris, Corp.
|
IXFH80N20Q IXFK80N20Q IXFT80N20Q |
Discrete MOSFETs: HiPerFET Power MOSFETS TRANSISTOR|MOSFET|N-CHANNEL|200VV(BR)DSS|80AI(D)|TO-247AD
HiPerFET Power MOSFETs Q-Class
|
IXYS[IXYS Corporation]
|
IRFP244 IRFP245 IRFP246 IRFP247 |
15A and 14A 275V and 250V 0.28 and 0.34 Ohm N-Channel Power MOSFETs (IRFP244 / IRFP245 / IRFP246 / IRFP247) N-Channel Power MOSFETs 15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs 15 A, 250 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
MRF9060MR1 MRF9060MBR1 MRF9060M |
MRF9060MR1, MRF9060MBR1 945 MHz, 60 W, 26 V Lateral N-Channel Broadband RF Power MOSFETs The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
|
MOTOROLA[Motorola, Inc]
|
MRF9030MBR1 MRF9030MR1 MRF9030M |
MRF9030MR1, MRF9030MBR1 945 MHz, 30 W, 26 V Lateral N-Channel Broadband RF Power MOSFETs The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
|
MOTOROLA[Motorola, Inc]
|
IXFT12N100 IXFT10N100 |
Discrete MOSFETs: HiPerFET Power MOSFETS N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family From old datasheet system
|
IXYS[IXYS Corporation]
|
ISL9N304AP3 ISL9N304AS3ST ISL9N304AS3STL86Z |
75 A, 30 V, 0.0045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?/a> N-Channel Logic Level UltraFET Trench MOSFETs 30V/ 75A/ 4.5m N-CHANNEL LOGIC LEVEL ULTRAFET TRENCH MOSFETS 30V, 75A, 4.5Mз N-Channel Logic Level UltraFET R Trench MOSFETs 30V, 75A, 4.5mOhm
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
IXFTN100 IXFX15N100 IXFH14N100 IXFHN100 IXFX14N100 |
HiPerFET Power MOSFETs 14 A, 1000 V, 0.75 ohm, N-CHANNEL, Si, POWER, MOSFET Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFM6N90 IXFH6N100 IXFH6N90 IXFM6N100 |
N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电000V,导通电2.0Ω的N沟道增强HiPerFET功率MOSFET) 6 A, 1000 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFN180N20 |
Discrete MOSFETs: HiPerFET Power MOSFETS N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电00V,导通电0mΩ的N沟道增强型HiPerFET功率MOSFET) HiPerFET Power MOSFETs Single Die MOSFET
|
IXYS Corporation
|